Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R1
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
E3Z-LT/LR/LL
Ordering Information
Sensors (Refer to Dimensions on page 11.)
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Accessories
Slits (A Slit is not provided with a Through-beam Sensor. Order a Slit separately if required.) (Refer to Dimensions on page 14.)
Reflectors (A Reflector is required for each Retro-reflective Sensor: A Reflector is not provided with the Sensor. Be sure to order a Reflector.)
(Refer to Dimensions on page 14.)
Note: If you use the Reflector at any distance other than the rated distance, make sure that the stability indicator lights properly when you install the Sensor.
Sensing method
Appearance
Connection
method
Response
time
Sensing distance
Model
NPN output
PNP output
Through-beam
(Emitter + Receiver)
Pre-wired
(2 m)
1 ms
E3Z-LT61 2M
E3Z-LT81 2M
Emitter
E3Z-LT61-L 2M
Receiver E3Z-LT61-D 2M
Emitter
E3Z-LT81-L 2M
Receiver E3Z-LT81-D 2M
Connector
(M8, 4 pins)
E3Z-LT66
E3Z-LT86
Emitter
E3Z-LT66-L
Receiver E3Z-LT66-D
Emitter
E3Z-LT86-L
Receiver E3Z-LT86-D
Retro-reflective with
MSR function
Pre-wired
(2 m)
E3Z-LR61 2M
E3Z-LR81 2M
Connector
(M8, 4 pins)
E3Z-LR66
E3Z-LR86
Distance-settable
(BGS Models)
Pre-wired
(2 m)
E3Z-LL61 2M
E3Z-LL81 2M
Connector
(M8, 4 pins)
E3Z-LL66
E3Z-LL86
Pre-wired
(2 m)
0.5 ms
E3Z-LL63 2M
E3Z-LL83 2M
Connector
(M8, 4 pins)
E3Z-LL68
E3Z-LL88
Slit width
Sensing distance
Minimum detectable object
(reference value)
Model
Contents
0.5 mm dia.
3 m
0.1 mm dia.
E39-S65A
One set
(contains Slits for both the
Emitter and Receiver)
Name
Sensing distance
Model
Remarks
Rated value
Reference value
Reflector
---
15 m (300 mm)
E39-R1
• Retro-reflective models are not provided with Reflectors.
• Separate the Sensor and the Reflector by at least the
distance given in parentheses.
• The MSR function is enabled.
7 m (200 mm)
---
E39-R12
---
7 m (200 mm)
E39-R6
Red light
60 m
*1
(Using E39-R12)
(Using E39-R1)
7 m
(200 mm)
(Using E39-R6)
15 m
(300 mm)
7 m
(200 mm)
*2
20 to 40 mm
(Min. distance set)
20 to 300 mm
(Max. distance set)
25 to 40 mm
(Min. distance set)
25 to 300 mm
(Max. distance set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com