Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E39-R1
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC E39-R1 Datasheet HTML 12Page - Omron Electronics LLC E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
E3Z-LT/LR/LL
11
Dimensions
Sensors
* Models numbers for Through-beam Sensors (E3Z-LT
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-LT61-L 2M), the model number of the Receiver, by adding "-D"
(example: E3Z-LT61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Through-beam*
Pre-wired Models
E3Z-LT61
E3Z-LT81
4 dia. vinyl-insulated round cable with
2 conductors (Conductor cross section:
0.2 mm2 (AWG24), Insulator diameter:1.1 mm),
Standard length: 2 m
Two, M3
Power indicator
(orange)
Lens
3.5 dia.
Emitter
E3Z-LT@1-L
12
20
20
3
2.8
25.4
12.7
2.1
31
31
10.8
10.8
Two, M3
11
Stability indicator (green)
Sensitivity adjuster
Operation selector
Lens
Receiver
E3Z-LT@1-D
4.5
11.2
7.5
20
20
3
2.8
25.4
12.7
2.1
31
31
10.8
10.8
Operation Indicator
(orange)
4 dia. vinyl-insulated round cable with
3 conductors (Conductor cross section:
0.2 mm2 (AWG24), Insulator diameter: 1.1 mm),
Standard length: 2m
Through-beam*
Standard Connector
Models
E3Z-LT66
E3Z-LT86
M8 4-pin connector
Two, M3
Power indicator (orange)
9.75
Emitter
E3Z-LT@6-L
Lens 3.5 dia.
12
20
20
12.7
3
2.8
25.4
10.4
2.1
31
31
10.8
10.8
Pins 2 and 4 are not used.
Terminal No.
Specifications
1+V
2
---
30 V
4
---
M8 4-pin connector
9.75
Lens
11
Stability indicator (green)
Sensitivity adjuster
Operation selector
Two, M3
Receiver
E3Z-LT@6-D
Operation Indicator
(orange)
4.5
11.2
7.5
2.8
25.4
12.7
20
20
3
10.8
10.8
10.4
2.1
31
31
Pins 2 is not used.
Terminal No.
Specifications
1+V
2
---
30 V
4Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com