Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-R1
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
E3Z-LT/LR/LL
Ratings and Specifications
Sensing
method
Through-beam
Retro-reflective with MSR
function
Distance-settable (BGS models)
Response
Standard response
High-speed response
Model
NPN
output
E3Z-LT61/-LT66
E3Z-LR61/-LR66
E3Z-LL61/-LL66
E3Z-LL63/-LL68
Item
PNP
output
E3Z-LT81/-LT86
E3Z-LR81/-LR86
E3Z-LL81/-LL86
E3Z-LL83/-LL88
Sensing distance
60 m
0.2 to 7 m
(when using E39-R12)
White paper (100
× 100 mm):
20 to 300 mm
Black paper (100
× 100 mm):
20 to 160 mm
White paper (100
× 100 mm):
25 to 300 mm
Black paper (100
× 100 mm):
25 to 100 mm
Set distance range
---
White paper (100
× 100 mm):
40 to 300 mm
Black paper (100
× 100 mm):
40 to 160 mm
White paper (100
× 100 mm):
40 to 300 mm
Black paper (100
× 100 mm):
40 to 100 mm
Spot diameter
(reference value)
5-mm dia. at 3 m
0.5-mm dia. at 300 mm
Standard sensing object
Opaque: 12-mm dia. min.
Opaque: 75-mm dia. min.
---
Minimum detectable object
(reference value)
6-mm-dia. opaque object at 3 m
0.2-mm-dia. stainless-steel pin gauge at 300 mm
Differential travel
---
5% max. of set distance
Black/white error
---
5% at 160 mm
5% at 100 mm
Directional angle
Receiver: 3 to 15
°
---
Light source (wavelength)
Red LD (655 nm), JIS CLass 1, IEC Class 1, FDA Class 2
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p): 10% max.
Current consumption
35 mA (Emitter 15 mA,
Receiver 20 mA)
30 mA max.
Control output
Load power supply voltage: 26.4 VDC max., Load current: 100 mA max., Open collector output
Residual output voltage
Load current of less than 10 mA: 1 V max.
Load current of 10 to 100 mA: 2 V max.
Output mode switching
Switch to change between light-ON and dark-ON
Protection circuits
Reversed power supply
polarity protection, Output
short-circuit protection, and
Reversed output polarity
protection
Reversed power supply polarity protection, Output short-circuit protection, Mutual interference pre-
vention, and Reversed output polarity protection
Response time
Operate or reset: 1 ms max.
Operate or reset: 0.5 ms max.
Sensitivity adjustment
One-turn adjuster
Five-turn endless adjuster
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−10 to 55°C, Storage: −25 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no icing or condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IP67 (IEC 60529)
Connection method
Pre-wired cable (standard length: 2 m):
E3Z-L
@@1/-L@@3
Standard M8 Connector:
E3Z-L
@@6/-L@@8
Indicator
Operation indicator (orange)
Stability indicator (green)
Emitter for Through-bream Models has power indicator (orange) only.
Weight
(packed
state)
Pre-wired cable
(2 m)
Approx. 120 g
Approx. 65 g
Standard
Connector
Approx. 30 g
Approx. 20 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Modified polyarylate resin
Methacrylic resin
Modified polyarylate resin
Accessories
Instruction manual (Neither Reflectors nor Mounting Brackets are provided with any of the above models.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com