Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R6 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-R6
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R6 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-R6 Datasheet HTML 3Page - Omron Electronics LLC E39-R6 Datasheet HTML 4Page - Omron Electronics LLC E39-R6 Datasheet HTML 5Page - Omron Electronics LLC E39-R6 Datasheet HTML 6Page - Omron Electronics LLC E39-R6 Datasheet HTML 7Page - Omron Electronics LLC E39-R6 Datasheet HTML 8Page - Omron Electronics LLC E39-R6 Datasheet HTML 9Page - Omron Electronics LLC E39-R6 Datasheet HTML 10Page - Omron Electronics LLC E39-R6 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
E3Z-LT/LR/LL
7
I/O Circuit Diagrams
NPN Output
PNP Output
* Models numbers for Through-beam Sensors (E3Z-LT
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-LT61-L 2M), the model number of the Receiver, by adding "-D"
(example: E3Z-LT61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3Z-LT61 *
E3Z-LT66 *
E3Z-LR61
E3Z-LR66
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3Z-LL61
E3Z-LL66
E3Z-LL63
E3Z-LL68
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(orange)
(Between brown
A and black D leads)
Output transistor
Load
(e.g., relay)
4
3
1
100 mA
max.
0 V
ZD
1
2
4
3
12 to 24 VDC
Through-beam Receivers, Retro-reflective Models
Pin 2 is not used.
Brown
Black
(Control
output)
Blue
Operation
indicator
Stability
indicator
(Green)
(Orange)
Load
(Relay)
Photo-
electric
Sensor
Main
Circuit
M8 4-pin Connector
Pin Arrangement
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(orange)
(Between brown
A and black D leads)
Output transistor
Load
(e.g., relay)
3
1
1
2
4
3
12 to 24 VDC
Through-beam Emitter
Power
indicator
(orange)
Pins 2 and 4
are not used.
Brown
Blue
Photo-
electric
Sensor Main
Circuit
M8 4-pin Connector
Pin Arrangement
ON
OFF
ON
OFF
Operate
Reset
NEAR
FAR
Operation
indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown
A and black D leads)
4
3
1
1
2
4
3
100 mA
max.
0 V
ZD
12 to 24 VDC
Pin 2 is not used.
Brown
Black
(Control
output)
Blue
Operation
indicator
Stability
indicator
(Green)
(Orange)
Load
(Relay)
Photo-
electric
Sensor
Main
Circuit
M8 4-pin Connector
Pin Arrangement
ON
OFF
ON
OFF
Operate
Reset
NEAR
FAR
Operation
indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown
A and black D leads)
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3Z-LT81 *
E3Z-LT86 *
E3Z-LR81
E3Z-LR86
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3Z-LL81
E3Z-LL86
E3Z-LL83
E3Z-LL88
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(orange)
(Between blue
C and black D leads)
Output transistor
Load
(e.g., relay)
4
1
3
1
2
4
3
Through-beam Receivers, Retro-reflective Models
100 mA
max.
0 V
ZD
12 to 24 VDC
Pin 2 is not used.
Brown
Black
(Control
output)
Blue
Operation
indicator
Stability
indicator
(Green)
(Orange)
Load
(Relay)
Photo-
electric
Sensor
Main
Circuit
M8 4-pin Connector
Pin Arrangement
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(orange)
(Between blue
C and black D leads)
Output transistor
Load
(e.g., relay)
3
1
1
2
4
3
12 to 24 VDC
Through-beam Emitter
Power
indicator
(orange)
Pins 2 and 4 are not used.
Brown
Blue
Photo-
electric
Sensor Main
Circuit
M8 4-pin Connector
Pin Arrangement
ON
OFF
ON
OFF
Operate
Reset
NEAR FAR
Operation
indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue
C and black D leads)
1
2
4
3
4
1
3
100 mA
max.
0 V
ZD
12 to 24 VDC
Pin 2 is not used.
Brown
Black
(Control
output)
Operation
indicator
Stability
indicator
(Green)
(Orange)
Load
(Relay)
Photo-
electric
Sensor
Main
Circuit
M8 4-pin Connector
Pin Arrangement
Blue
ON
OFF
ON
OFF
Operate
Reset
NEAR
FAR
Operation
indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue
C and black D leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com