Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R6 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E39-R6
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R6 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E39-R6 Datasheet HTML 7Page - Omron Electronics LLC E39-R6 Datasheet HTML 8Page - Omron Electronics LLC E39-R6 Datasheet HTML 9Page - Omron Electronics LLC E39-R6 Datasheet HTML 10Page - Omron Electronics LLC E39-R6 Datasheet HTML 11Page - Omron Electronics LLC E39-R6 Datasheet HTML 12Page - Omron Electronics LLC E39-R6 Datasheet HTML 13Page - Omron Electronics LLC E39-R6 Datasheet HTML 14Page - Omron Electronics LLC E39-R6 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
E3Z-LT/LR/LL
Stability indicator (green)
Receiver
Lens 7 dia.
Emitter
Lens 2.5 dia.
Sensitivity adjuster
Operation selector
4.5
11.2
7.5
Two, M3
20
20
16.7
2.8
25.4
3
10.8
10.8
2.1
31
31
8
Operation Indicator
(orange)
4 dia. vinyl-insulated round cable with
3 conductors (Conductor cross section:
0.2 mm2 (AWG24), Insulator diameter: 1.1 mm),
Standard length: 2m
Retro-reflective Models
Pre-wired Models
E3Z-LR61
E3Z-LR81
Retro-reflective Models
Standard Connector
Models
E3Z-LR66
E3Z-LR86
M8 connector
9.75
4.5
11.2
7.5
20
20
16.7
2.8
25.4
3
10.8
10.8
10.4
2.1
31
31
Emitter
Lens 2.5 dia.
8
Stability indicator (green)
Receiver
Lens 7 dia.
Sensitivity adjuster
Operation selector
Operation Indicator
(orange)
Two, M3
Pins 2 is not used.
Terminal No.
Specifications
1+V
2
---
30 V
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com