Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R6 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E39-R6
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R6 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E39-R6 Datasheet HTML 1Page - Omron Electronics LLC E39-R6 Datasheet HTML 2Page - Omron Electronics LLC E39-R6 Datasheet HTML 3Page - Omron Electronics LLC E39-R6 Datasheet HTML 4Page - Omron Electronics LLC E39-R6 Datasheet HTML 5Page - Omron Electronics LLC E39-R6 Datasheet HTML 6Page - Omron Electronics LLC E39-R6 Datasheet HTML 7Page - Omron Electronics LLC E39-R6 Datasheet HTML 8Page - Omron Electronics LLC E39-R6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
E3Z-LT/LR/LL
5
Engineering Data (Reference Value)
Parallel Operating Range
Through-beam Models
Through-beam Models
Retro-reflective Models
E3Z-LT
@@
E3Z-LT
@@ + E39-S65A
E3Z-LR
@@
Operating Range at a Set Distance
of 300 mm
Operating Range at a Set Distance
of 40 mm
BGS Models
BGS Models
E3Z-LL
@@
E3Z-LL
@@
Excess Gain vs. Set Distance
Through-beam Models
Retro-reflective Models
E3Z-LT
@@
E3Z-LR
@@
Close Range Characteristics
BGS Models
E3Z-LL
@1/-LL@6
E3Z-LL
@3/-LL@8
80
60
40
20
150
−150
100
−100
50
−50
0
Y
X
Distance X (m)
20
−20
15
−15
−10
10
5
−5
0
8
10
46
2
Distance (m)
30
20
25
10
15
5
60
−60
40
−40
20
−20
0
Y
X
E39-R12
E39-R1
E39-R6
Distance X (m)
350
300
200
250
50
0
100
150
−2.50
2.50
−2.00
2.00
−1.00
1.00
−0.50
−1.50
1.50
0.50
0.00
Y
X
Sensing object:
100
× 100 mm
white paper
Distance X (mm)
60
50
30
40
10
20
3
−3
2
−2
1
−1
0
Y
X
Sensing object:
100
× 100 mm
white paper
Distance X (mm)
020
10
30
40
50
70
60
80
10000
100
1000
Distance (m)
100
10
1
0.1
30
10
20
0
E39-R6
E39-R12
E39-R1
Distance (m)
300 mm
160 mm
40 mm
10 mm
12 mm
0 mm
9 mm
40 mm
350
100
50
300
150
200
250
0
White
paper
Setting:
300 mm
Black
paper
White
paper
Black
paper
Setting:
40 mm
Setting:
40 mm
Setting:
160 mm
350
100
50
300
150
200
250
0
White
paper
Black
paper
White
paper
Black
paper
300 mm
100 mm
40 mm
10 mm
21 mm
0 mm
9 mm
40 mm
Setting:
300 mm
Setting:
40 mm
Setting:
40 mm
Setting:
100 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com