Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R6 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R6
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R6 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R6 Datasheet HTML 1Page - Omron Electronics LLC E39-R6 Datasheet HTML 2Page - Omron Electronics LLC E39-R6 Datasheet HTML 3Page - Omron Electronics LLC E39-R6 Datasheet HTML 4Page - Omron Electronics LLC E39-R6 Datasheet HTML 5Page - Omron Electronics LLC E39-R6 Datasheet HTML 6Page - Omron Electronics LLC E39-R6 Datasheet HTML 7Page - Omron Electronics LLC E39-R6 Datasheet HTML 8Page - Omron Electronics LLC E39-R6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
E3Z-LT/LR/LL
3
Mounting Brackets A Mounting Bracket is not provided with the Sensor. Order a Mounting Bracket separately if required.
(Refer to Dimensions on E39-L/E39-S/E39-R.)
Note: When using a Through-beam Sensor, order one Mounting Bracket for the Receiver and one for the Emitter
*1. Cannot be used for Standard Connector models with mounting surface on the bottom. In that case, use Pre-wired Connector models.
*2. Cannot be used for Standard Connector models.
Sensor I/O Connectors (Sockets on One Cable End)
(Models for Connectors and Pre-wired Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.)
(Refer to Dimensions on XS3)
Note: When using a Through-beam Sensor, order one Mounting Bracket for the Receiver and one for the Emitter
*1. The connector will not rotate after connecting.
*2. The cable is fixed at an angle of 180° from the sensor emitter/receiver surface.
Appear-
ance
Model
Quantity
Remarks
Appear-
ance
Model
Quantity
Remarks
E39-L153
*1
1
Mounting Brackets
E39-L98
*2
1
Metal Protective Cover Bracket
E39-L104
*1
1
E39-L150
1 set
(Sensor adjuster)
Easily mounted to the aluminum
frame rails of conveyors and
easily adjusted.
For left to right adjustment
E39-L43
*2
1
Horizontal Mounting Bracket
E39-L151
1 set
E39-L142
*2
1
Horizontal Protective Cover
Bracket
E39-L44
1
Rear Mounting Bracket
E39-L144
*2
1
Compact Protective Cover
Bracket (For E3Z only)
Size
Cable
Appearance
Cable type
Model
M8
Standard
2 m
4-wire
XS3F-M421-402-A
5 m
XS3F-M421-405-A
2 m
XS3F-M422-402-A
5 m
XS3F-M422-405-A
Straight *1
L-shaped *1 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com