Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP460 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP460
Description  Scotch-Weld EPX Epoxy Adhesive DP460
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP460 Datasheet(HTML) 4 Page - 3M Electronics

  DP460 Datasheet HTML 1Page - 3M Electronics DP460 Datasheet HTML 2Page - 3M Electronics DP460 Datasheet HTML 3Page - 3M Electronics DP460 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Date : March 1996
EPX Epoxy Adhesive DP460
Health & Safety
Information
Refer to product label and Material Safety Data Sheet for health and safety
information before using the product. For information please see below for contact
details.
3M, EPX, Duo-Pak, Scotch-Grip and Scotch-Weld are trademarks of the 3M Company.
Values presented have been determined by standard test methods and are average values not to be used for specification purposes.
Our recommendations on the use of our products are based on tests believed to be reliable but we would ask that you conduct your own tests to
determine their suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or consequential for loss or damage caused as a result of our
recommendations.

3M Svenska AB
Industri
Bollstanäsvägen 3
191 89 Sollentuna
Tel: 08-92 21 00
Fax: 08-92 22 88
E-post:
kundservice@mmm.com
www.3M.se/lim
3M a/s
Industri
Hannemanns Allé 53
2300 København S
Tlf.: 43 48 01 00
Fax.: 43 20 15 65
E-mail:
dkindustri@mmm.com
www.3Mindustri.dk
3M Norge AS
Avd. Industri
Hvamveien 6
2013 Skjetten
Tel: 0 63 84
Fax: 63 84 17 88
E-post:
Kundeservice@mmm.com
www.3M.no/lim
Suomen 3M Oy
Teollisuustuotteet
PL 600
Keilaranta 6
02151 Espoo
Puh: 09-525 21
Fax: 09-525 2279
http://www.3M.fi/teollisuus



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com