Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP460 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP460
Description  Scotch-Weld EPX Epoxy Adhesive DP460
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP460 Datasheet(HTML) 1 Page - 3M Electronics

  DP460 Datasheet HTML 1Page - 3M Electronics DP460 Datasheet HTML 2Page - 3M Electronics DP460 Datasheet HTML 3Page - 3M Electronics DP460 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Scotch-Weld
EPX
Epoxy Adhesive DP460
Product Data Sheet
Updated
: March 1996
Supersedes
: January 1995
Product Description
DP460 epoxy adhesive is a
room temperature curing,
two part epoxy adhesive
supplied in 3M Duo-Pak
cartridge for use with the 3M
EPX Applicator.
DP460 offers the following
features:
High shear strength.
High Peel strength.
2:1 premix strength allowing
gap filling.
Outstanding environmental
resistance.
Easy mixing and controlled
flow.
Physical Properties
Not for specification purposes
BASE
ACCELERATOR
Base
Modified Epoxy
Modified Amine
Viscosity
(cP at 23°C)
80,000
10,000
Specific Gravity
1.12
1.08
Colour
White
Amber
Work Life
60 minutes at 23°C.
Handling Strength
240 - 360 minutes at 23°C
Full Strength
5 days (test to full performance at one week)
Standard 3M Shelf Life
24 months from date of despatch by 3M when stored in the
original carton at 21°C (70°F) & 50 % Relative Humidity
Performance
Characteristics
Not for specification purposes
T-Peel Strength
Measured on abraded, steel
(0.8mm) at 24°C.
43.9 N/cm (25 piw).
Measured on Etched
Aluminium at 23°C
(60 piw).


Similar Part No. - DP460

ManufacturerPart #DatasheetDescription
logo
Power-One
DP4660-7R POWER-ONE-DP4660-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
More results

Similar Description - DP460

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1751B 3M-1751B Datasheet
140Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
Dec-2009
2216B 3M-2216B Datasheet
519Kb / 8P
Scotch-Weld™ Epoxy Adhesive
Oct-2018
1469 3M-1469 Datasheet
166Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1469
Feb-2016
1838B 3M-1838B Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Feb-2016
LSB60 3M-LSB60 Datasheet
166Kb / 8P
3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
2158 3M-2158 Datasheet
174Kb / 9P
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Dec-2009
1838 3M-1838 Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive 1838 B/A Green
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
1751 3M-1751 Datasheet
140Kb / 8P
3M??Scotch-Weld??Epoxy Adhesive 1751 B/A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com