Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP460 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP460
Description  Scotch-Weld EPX Epoxy Adhesive DP460
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP460 Datasheet(HTML) 3 Page - 3M Electronics

  DP460 Datasheet HTML 1Page - 3M Electronics DP460 Datasheet HTML 2Page - 3M Electronics DP460 Datasheet HTML 3Page - 3M Electronics DP460 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Date : March 1996
EPX Epoxy Adhesive DP460
Storage Conditions
Store product at 16 to 27°C
for maximum storage life.
High temperatures reduce
normal storage life.
Rotate stock on a "first in-
first out" basis.
Directions for Use
/Clean Up
Place the cartridge into the
3M EPX Applicator and clip
into position.
Remove the resealable cap.
Expel a small quantity of
adhesive and ensure both
components flow freely.
Attach correct mixer nozzle
(this should have 20 or more
elements).
Dispense the adhesive as
required.
When finished either leave
the nozzle in place and
store, or remove the nozzle,
wipe clean the tip, and
replace cap.
To re-start after storage
remove the old nozzle with
cured adhesive and re-fit a
new nozzle, or remove the
cap and fit a new nozzle.
Surface Preparation:
The degree of surface
preparation depends on the
bond strength required and
the environment likely to be
encountered by the bonded
structure. For most plastics
solvent wiping with 3M VHB
surface cleaner, followed by
abrasion with 3M
Scotchbrite 7447, followed
by a further solvent wipe
until clean, will give good
performance (except for
acetal, polyethylene and
polypropylene and some
other low surface energy
materials). This also applies
to powder coat paints and
other stoved paint systems.
The same surface
preparation will also give
good adhesion to metal
surfaces. The objective is to
remove loosely attached
surface films such as oils,
waxes, dusts, mill-scale,
loose paints and all other
surface contaminants in
addition to enhancing
mechanical adhesion. Grit-
blasting using a clean, fine
grit also offers excellent
adhesion on many metallic
substrates.
Where humid environments
are likely to be encountered
by metallic substrates we
recommend additional
priming with 3M Scotch-
Weld 3901. Alternatively,
chemical conversion coating
techniques combined with
priming can offer the best
durability.
Clean-Up:
Excess uncured adhesive
can be removed with the
following solvents:
3M VHB Surface Cleaner
(mild alcohol based cleaner)
3M Scotch-Grip Solvent
No2. (Ketone blend)
3M Industrial Cleaner
(Aerosol).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com