Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP460 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP460
Description  Scotch-Weld EPX Epoxy Adhesive DP460
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP460 Datasheet(HTML) 2 Page - 3M Electronics

  DP460 Datasheet HTML 1Page - 3M Electronics DP460 Datasheet HTML 2Page - 3M Electronics DP460 Datasheet HTML 3Page - 3M Electronics DP460 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Date : March 1996
EPX Epoxy Adhesive DP460
Performance
Characteristics (Cont...)
Not for specification purposes
Overlap Shear Strength
The following strength
values were obtained with
DP460 when tested after 7
day cure cycle at 24°C.
Substrates solvent wiped,
abraded and solvent wiped
prior to bonding.
MPa
psi
Galvanised Steel
Cold Rolled Steel
FPL Etched Aluminium
Copper
Stainless Steel
Brass
Acrylic
PVC
Polycarbonate
Neoprene/Steel
SBR/Steel
ABS
FRP
13.8
19.3
31.0
27.6
27.6
27.6
2.3
2.4
3.4
0.8*
1.0*
4.0
6.9*
2000
2800
4500
4000
4000
4000
330
350
500
120*
140*
575
1000*
* Denotes Substrate Failure
Environmental Resistance
Etched Aluminium. Overlap
shear tested at 23°C.
Environment
Condition
Etched AL
(MPa)
Galv Steel
(MPa)
23°C / 50% RH
30 days
35.8
15.2
Distilled Water
30 days immersion
35.2
15.9
Water Vapour
50°C / 100% RH, 30 days
93°C / 100% RH, 14 days
34.5
21.4
13.1
10.3
Antifreeze/H
2O (50/50)
82°C 30 day immersion
34.5
13.8
Isopropanol
23°C 30 day immersion
39.3
13.8
Methyl Ethyl Ketone
23°C 30 day immersion
29.0
13.8
Salt Spray 5%
65°C 30 days
35.2
13.1
Electrical Properties
Dielectric Strength
(Volts/mm)
2.8 x 104
Volume Resistivity
(Ohms/cm)
2.4 x 1014
Thermal Properties
Thermal Conductivity
W/m°C
0.180
Coefficient of Thermal
Expansion (cm/cm/°C)
- 50°C to 30°C 59 x 10-6
50°C to 110°C 159 x 10-6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com