Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2821 Datasheet(PDF) 3 Page - WORLDSEMI CO., LIMITED

Part # WS2821
Description  256 Gray level Constant current LED driven IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2821 Datasheet(HTML) 3 Page - WORLDSEMI CO., LIMITED

  WS2821 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WS2821
Parallel-Single wire-Three channels
256 Gray level Constant current LED driven IC
http://www.world-semi.com
Extreme parameter(Without special instruction,T
A=25℃,GND=0V)
Parameter
Symbol
Range
Unit
Logical power supply
voltage
Vcc
-0.5~+5.5
V
Output port bearing voltage
Vout
24
V
Logical input voltage
Vi
-0.5~VDD+0.5
V
LED driven output current
Iol
60
mA
Power consumption
PD
<250
mW
Working temperature
Topt
-25~+85
℃
Storage temperature
Tstg
-55~+150
℃
ESD
VESQ
>2K
V
Electrical specifications(Without special instruction,T
A=-20~70℃,GND=0V)
Parameter
Symbol
Testing Condition
Min.
Typical Max.
Unit
Power supply
voltage
VCC
4
24
V
Quiescent current
ICC
VCC=5V,REXT Non
connection
1.5
mA
VCC=5V,REXT=500R
6.0
VCC=5V,REXT=2K
3.0
R/G/B OUT
output current
IOUT
VCC=5V
3
60
mA
R/G/B OUT port
leakage current
Ileak
VCC=5V
1
uA
Vout inflection
point
voltage(IPV)
Vout
IOUT=19mA
0.9
V
IOUT=40mA
1.2
DAI port
reversal
voltage
VIH
VCC=5V
3
V
VIL
1.7
REXT port
voltage
VREXT
DAI=VCC=5V
Constant current parameter setting:
When the REXT being non connected,R/G/B OUT three port’s output current is 19mA(default
value),users can connect the resistor at the REXT as well.Set the R/G/B OUT three port’s current,its range
is 19mA~60mA,relations between the output current value and the resistance value are as followings:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com