Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2821 Datasheet(PDF) 4 Page - WORLDSEMI CO., LIMITED

Part # WS2821
Description  256 Gray level Constant current LED driven IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2821 Datasheet(HTML) 4 Page - WORLDSEMI CO., LIMITED

  WS2821 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WS2821
Parallel-Single wire-Three channels
256 Gray level Constant current LED driven IC
http://www.world-semi.com
4
10
3
15
)
(
EXT
REF
REF
OUT
R
V
V
mA
I
Tips:VREF=1.24V.
Data Communication Protocol :(250K,frequency raising will leads time being changed)
description
Min
Typ
Max
unit
MTBP
88
NS
1000000
us
BREAK
88
88
1000000
us
MAB
4
8
12
us
Framce width
44
us
Sart Bit/Data Bit
4
us
Stop Bit
8
us
MTBF
0
NS
1000000
us
Note:NS means Not specified and designer definable
Each data packet consists of several data frames, each frame of data including 1 low start bit, 8 data bits,
2 stop bit high level. Control data is 8 bits, the level combinations from 00000000 to 11111111,total of
256 state (corresponding decimal number 0 ~ 255), control the brightness of light, can produce 256
brightness levels, 00000000 (0) corresponding to light the darkest, 11111111 (255) corresponding to the
brightest lights. Packet first frames, lamps and lanterns corresponding to the first channel, second frames
corresponding to the second channel lamp, and so on, 512nd frames corresponding to the 512nd channel
lamp, lamp channel address can be set on the lamp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com