Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2821 Datasheet(PDF) 5 Page - WORLDSEMI CO., LIMITED

Part # WS2821
Description  256 Gray level Constant current LED driven IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2821 Datasheet(HTML) 5 Page - WORLDSEMI CO., LIMITED

  WS2821 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WS2821
Parallel-Single wire-Three channels
256 Gray level Constant current LED driven IC
http://www.world-semi.com
Typical Application
Schematic diagram of multi pixel parallel control:
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Rev ision
Size
B
Date:
21-Feb -201 4
Sheet of
File:
E:\
芯片资料\WS2821\规格书\原理图.Ddb
Drawn By :
ADRI
ADRO
ADRI
ADRO
ADRI
ADRO
Gray control signal
VC C+
VC C-
P ixe1
P ixe2
P ixe n
Address signal
Single pixel 5V application circuit:
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Rev ision
Size
B
Date:
24-Dec-2013
Sheet of
File:
E:\
芯片资料\WS2821\规格书\原理图.Ddb
Drawn By :
GND
1
NC
2
ADRO
3
ROUT
4
GOUT
5
BOUT
6
GND
7
DAI
8
REXT
9
SPWM
10
ADRI
11
VCC
12
NC
13
NC
14
U1
WS2821B
R1
R2
R3
R4
R5
R
G
B
5V
5V
ADRI
DAI
ADRO
C1
C2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com