Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2821 Datasheet(PDF) 1 Page - WORLDSEMI CO., LIMITED

Part # WS2821
Description  256 Gray level Constant current LED driven IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2821 Datasheet(HTML) 1 Page - WORLDSEMI CO., LIMITED

  WS2821 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2821 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WS2821
Parallel-Single wire-Three channels
256 Gray level Constant current LED driven IC
http://www.world-semi.com
Main Features
 Signal adopts the single line parallel connection
type,any pixels’ failure won’t effect other pixel’s
display effect.
 Signal can compatible and expand the DMX512(1990)
protocol signal.
 Data transmission speed is 250Kbps~750Kbps.
 The built-in voltage regulator chip, 5V above 24V
power supply only series resistance to IC VDD feet,
without additional voltage regulator tube
 WS2821 IC has VR-tube(voltage-regulator tube)
built-in,for higher than 5V,lower than 24V’s power
supply,only require one resistor being series
connected to the IC’s VDD pin,no need to add the
VR-tube outside.
 Output voltage can bear 24V
 R/G/B out three channels’ output,each output driven
channel has PWM circuit to control the gray,256 gray
is adjustable
 R/G/B output default current 19mA,maximum 60mA.
 Storage space is built-in,support 1024
pixel’s parallel connection.
 Support
output
polarity
reversal
function.
Main Application
 LED full color exposed light string
 LED point light,LED module product
 LED decorative lighting system
 LED full color flexible strip
 Other LED decorate products,DMX
related products
General Description
WS2821 is a LED driven IC,which adopts the parallel single wire control signal,owns the independent
programmable address and large range programmable constant current,three channels output.
WS2821 has the power supply voltage stabilizing circuit,time base circuit,signal decoder block,data
buffer,built-in address storage circuit.
WS2821 is mainly designed for the indoor/outdoor LED project lighting and decorative LED lighting
system.
WS2821 owns three independent output driven channels,each channel can independent realize 256 gray
PWM control,it can control the LED 256 gray without changing the LED light color,the default current is
19mA,meantime,users can use the external REXT resistor to adjust the output current.It support the
output polarity reversal function.
WS2821 has the independent write code signal line,the address can be written in series at one time.


Similar Part No. - WS2821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
LED decorative lighting
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
3-Channel Constant Current LED Driver With Programmable PWM Outputs
WS2803 WORLDSEMI-WS2803 Datasheet
395Kb / 8P
18-Channel Constant Current LED Driver With Programmable PWM Outputs
V0.1 May.2008
WS2811 WORLDSEMI-WS2811 Datasheet
321Kb / 7P
output port compression 12V
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
More results

Similar Description - WS2821

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
24ch Constant Current LED Driver IC
logo
WORLDSEMI CO., LIMITED
WS2818A WORLDSEMI-WS2818A Datasheet
493Kb / 7P
Single-line 256 Gray-level 3-channel Constant Current LED Driver IC
WS2818B WORLDSEMI-WS2818B Datasheet
605Kb / 8P
Single-line 256 Gray-level 3-channel Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
FM1801 FUMAN-FM1801 Datasheet
222Kb / 6P
Constant current constant voltage IC
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
16-bit constant current LED driver IC
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
FM3081EDS FUMAN-FM3081EDS Datasheet
549Kb / 9P
LED linear constant current drive control IC
FM3081EHS FUMAN-FM3081EHS Datasheet
545Kb / 9P
LED linear constant current drive control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com