Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6492
Description  30V 2.4A Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6492 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6492-05
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP6492
Functional Pin Description
Package Type
Pin Configurations
LP6492
FB
CS
GND
VIN
GND
GND
SW
SW
1
2
3
4
5
6
7
8
LP6492F
Vout
CS
GND
VIN
GND
GND
SW
SW
1
2
3
4
5
6
7
8
Pin Description
Pin
Name
Description
LP6492
LP6492F
1
FB
Voltage Feedback. The feedback voltage is 0.6V.
1
Vout
Vout Pin Connection to Output Voltage.
2
2
CS
Output Current Sense PIN.
3
3
GND
Ground.
4
4
VIN
Input Supply Voltage.
5,6
5,6
SW
Switch PIN.
7,8
7,8
GND
Power Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com