Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6492
Description  30V 2.4A Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6492 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6492-05
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP6492
Typical Application Circuit
LP6492 Application Circuit
LP6492F Application Circuit
LP6492
VIN
GND
CS
FB
SW
100uF
470uF
Option
47uH
Rup
180K
Rdn
24K
Rsen
20mΩ
Vout+
Vin
Vout-
LP6492F
VIN
GND
CS
VOUT
SW
100uF
470uF
Option
47uH
Rsen
20mΩ
Vin
Vout+
Vout-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com