Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6492
Description  30V 2.4A Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6492 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6492-05
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP6492
30V 2.4A Synchronous Buck Converter
General Description
The LP6492 is a synchronous, rectified, step-down,
switch-mode converter with built-in power MOSFET.
The LP6492 offers a very compact solution that
achieves a maximum of 2.4A of continuous output
current.
The LP6492 has synchronous mode operation for high
efficiency over the output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
The LP6492 requires a minimum number of readily
available standard external components. Other
features include cable compensation, programmable
current limit and thermal shutdown.
Order Information
LP6492
Current Sense Voltage
A: VCS=53mV
B: VCS=65mV
F: Pb-Free
Package Type
SO: SOP-8
VOUT Voltage
Default: Adjustable
F: 5V
Features
Wide 8V to 30V Continuous Operating Input
Range
78mΩ/65mΩ Low RDS(ON) Internal Power
MOSFET
Up to 93% Efficiency
Default 160kHz Switching Frequency
Internal Soft Start
Output Line Drop Compensation
Over-Current Protection (OCP) programmable
with External Resistor
No Loop Compensation Required
Thermal Shutdown
Available in SOP-8 Package
Applications
Car Charger
Pre-Regulator for Linear Regulators
Distributed Power Systems
USB Dedicated Charging Ports (DCP)
Marking Information
Device
Marking
Package
Shipping
LP6492SOF-A
LPS
LP6492
XXX
SOP8
4K/REEL
LP6492SOF-B
LP6492FSOF-A LPS
LP6492F
XXX
SOP8
4K/REEL
LP6492FSOF-B
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP6492

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F24SOF POWER-LP64920F24SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F31SOF POWER-LP64920F31SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP6492F24SOF POWER-LP6492F24SOF Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
More results

Similar Description - LP6492

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Shenzhenshi YONGFUKANG ...
NS6312 YONGFUKANG-NS6312 Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
NS6322 YONGFUKANG-NS6322 Datasheet
1Mb / 9P
4-30V Input 5V/2.4A Output Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM1782A HMSEMI-HM1782A Datasheet
1Mb / 9P
4-30V input 5V/2.4A output synchronous buck regulator
HM1783A HMSEMI-HM1783A Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP6490 POWER-LP6490 Datasheet
364Kb / 6P
30V 2.4A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com