Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6492
Description  30V 2.4A Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6492 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6492-05
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP6492
Function Diagram
SW
CURRENT
SENSE
DRIVER
LOGIC
EA
PWM
COMP
OSC
SOFT
START
0.6V
PG
NG
REF
LDO
PROTECT
VIN
FB
VSUM
GND
EA
BUFF
CS
54mV/66mV
CABLE
COMPENSATION
HICCUP
LOGIC
Absolute Maximum Ratings
Note 1
VIN to GND ----------------------------------------------------------------------------------------------------- -0.3V to +36V
SW to GND ------------------------------------------------------------------------------------------------------ -0.3V to +36V
All other pin to GND -------------------------------------------------------------------------------------------- -0.3V to +6V
Storage temperature range ----------------------------------------------------------------------------- -55℃ to +165℃
Maximum Operating Junction temperature --------------------------------------------------------------------- +150℃
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- +260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation ( PD,TA=25℃) ----------------------------------------------------------------------- 1.5W
Thermal Resistance (θJA) -------------------------------------------------------------------------------------------- 80℃/W
ESD Susceptibility
HBM(Human Body Mode) ----------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
Ambient Temperature Range ------------------------------------------------------------------------------ -40℃ to 85℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com