Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7801 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP7801
Description  擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7801 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP7801 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP7801-03
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
LP7801
超低功耗耳机充电仓专用芯片
芯片介绍
LP7801是一款专为小容量锂电池充电/放电应用设计的
单芯片解决方案IC,集成了线性充电管理模块、超低功
耗同步升压放电管理模块,内置功率MOS,充电电流外
部可编程,最大充电电流1A。
LP7801集成了充电指示、输入过压保护、电池温度检测
功能、恒温度电功能;放电部分,升压输出5.1V、负载
电流能力500mA,待机功耗1uA,带EN控制功能,控制
EN可完全关断输出电压,内置过流、过温保护功能,工
作频率1.2MHz,支持2.2uH小电感应用;针对小容量锂
电池系统的应用,提供简单易用的解决方案。
LP7801采用的封装形式为ESOP-8
标示信息
LP7801
F: 无铅
封装类型
SP: ESOP-8
应用范围
TWS耳机仓
锂电池系统充电/放电应用
特点
待机功耗:1uA
高输入耐压:36V
内置6.3V过压保护
线性充电,充电电流可编程
智能恒温充电功能
同步升压输出5.1V
开关频率1.2MHz
效率高达95%
内置EN控制功能
内置过流、短路、过温保护功能
应用原理图
GND
9
ISET
1
NTC
8
EN
6
CHRG
7
SW
4
VOUT
5
VIN
2
BAT
3
BAT
VIN
1uF
10uF
2.2uH
LED
RSET
10uF
VOUT
NTC
ON
OFF
丝印及包装信息
型号
丝印
封装
包装
LP7801SPF
LPS
LP7801
YWXXX
ESOP-8
4K/盘
丝印标示:
Y:生产年份 W:生产周 X:批次号


Similar Part No. - LP7801

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP7801D POWER-LP7801D Datasheet
943Kb / 7P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801L POWER-LP7801L Datasheet
690Kb / 6P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801T POWER-LP7801T Datasheet
961Kb / 7P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
More results

Similar Description - LP7801

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2632LS SANYO-2SK2632LS Datasheet
49Kb / 4P
擁낂쳵?잆궧?ㅳ긿?곥꺍?곁뵪
CPH6428 SANYO-CPH6428 Datasheet
58Kb / 4P
擁낂쳵?잆궧?ㅳ긿?곥꺍?곁뵪
logo
Torex Semiconductor
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
XC6423 TOREX-XC6423 Datasheet
649Kb / 24P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
logo
NICHIA CORPORATION
NESW157AT NICHIA-NESW157AT Datasheet
358Kb / 17P
?썼돯LED 與숁틬餓뺞쭣?
logo
Lowpower Semiconductor ...
LP7801D POWER-LP7801D Datasheet
943Kb / 7P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801L POWER-LP7801L Datasheet
690Kb / 6P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801T POWER-LP7801T Datasheet
961Kb / 7P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com