Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7801 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP7801
Description  擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7801 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP7801 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP7801-03
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
LP7801
内部框图
BAT
GND
Vin
OVP
NTC
CHRG
Charge
pump
ISET
Oscillator
1.2MHz
Slope
compensation
Soft start
REF
UVLO
EN
SW
Vout
OTP
Shutdown
circuitry
Controland Driver logic
Charge logic
极限参数注1
VIN -------------------------------------------------------------------------------------------- -0.3V~36V
SW
-------------------------------------------------------------------------------------------- -0.3V~10V
VOUT---------------------------------------------------------------------------------------------- -0.3V~8V
其他管脚------------------------------------------------------------------------------------------ -0.3V~6V
最高焊接温度(10秒) ------------------------------------------------------------------------------ 260°C
储存温度------------------------------------------------------------------------------------- -55°C~150°C
最大结温--------------------------------------------------------------------------------------------- 150°C
温度性能
最大封装功耗 ------------------------------------------------------------------------------------------- 2W
温升 ---------------------------------------------------------------------------------------------- 50°C/W
ESD 系数
人体模型(HBM) ------------------------------------------------------------------------------------ 2KV
机械模型(MM) ------------------------------------------------------------------------------------ 200V
注1:超出极限参数列出的参数值,可能会导致设备永久性损坏,长时间暴露于极限条件可能会影响设备的可靠性。
推荐工作条件
工作环境温度范围 ---------------------------------------------------------------------------- -20°C~80°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com