Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7801 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP7801
Description  擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7801 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP7801 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7801 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP7801-03
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
LP7801
引脚信息
LP7801
引脚信息
1
2
3
4
8
7
6
5
ISET
VIN
BAT
SW
NTC
EN
VOUT
CHRG
GND
9(PAD)
ESOP-8
(Top View)
序号
管脚名称
描述
ISET
1
充电电流设定
VIN
2
充电输入
BAT
3
充电输出、放电输入
SW
4
开关管脚
VOUT
5
升压输出
EN
6
升压控制管脚
CHRG
7
充电指示灯
NTC
8
电池温度检测管脚
GND
9
地
无MCU应用原理图
GND
9
ISET
1
NTC
8
EN
6
CHRG
7
SW
4
VOUT
5
VIN
2
BAT
3
BAT
VIN
1uF
10uF
2.2uH
LED
RSET
10uF
VOUT
BAT
3M
1.2M
NTC
1K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com