Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28013A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP28013A
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
1
2
3
4
10
9
8
7
VIN
CHRG
PG
EN
BAT
ISET
IBF
NC
TDFN-10
TOP VIEW
5
6
NTC
GND
GND
Pin Description
Pin
Name Description
1
VIN
VIN is the input power source. Connect to a wall adapter.
2
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by
an internal NMOS. When the charge cycle is completed, the pin could be pulled High by an
external pull high resistor.
3
PG
Open-Drain Status Output. Low indicates the input voltage is above UVLO and the OUT (battery)
voltage.
4
EN
Charge Enable Input (active low).
5
NTC
Negative Thermal Coefficient (NTC) Thermistor Pin.
6
GND
GND is the connection to system ground.
7
NC
No Connector.
8
IBF
Charge Status Threshold Program. Connect this pin to an external resistor to program the battery
full current.
9
ISET
Charge Current Program. The charge current is programmed by connecting a 1% resistor(RISET )
to ground. The charge current is established by the following formula: IBAT=1500/RISET
10
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 1µF ceramic capacitor is
required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com