Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28013A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP28013A
Electrical Characteristics
(TA = 25°C. VIN = 5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
VIN
Input Voltage
3.5
5
28
V
IIN
Input Supply Current
IBAT = 0
1000
uA
VEN_L
EN Logic-Low Voltage Threshold
0.4
V
VEN_H
EN Logic-High Voltage Threshold
1.4
V
VFLOAT
Regulated Output (Float) Voltage
IBAT = 40mA,
4.158
4.2
4.242
V
VUV
VIN Under voltage Lockout Threshold
From VIN Low to High
3.1
3.3
3.5
V
VUVHYS
VIN Under voltage Lockout Hysteresis
150
mV
VOVP
Input Voltage OVP
VIN Rising
6.7
7
7.3
V
VOVP-HYS
OVP Hysteresis
0.2
V
IBAT
BAT Pin Current
RISET = 1.5k, Current Mode
1000
mA
VBAT = 4.2V
1
uA
Vin = float or 0V
1
uA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL,RISET = 1.5k,
Current Mode
10
%IBAT
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.6
V
VTRHYS
Trickle Charge Hysteresis Voltage
150
mV
VASD
VIN – VBAT Lockout Threshold Voltage
VUV < VIN
100
mV
ITERM
Termination Current Threshold
10
%IBAT
VISET
ISET Pin Voltage
RISET = 10k, Current Mode
1
V
ISTAT
CHRG/PG Pin Weak Pull-Down Current
VSTAT = 5V
5
uA
VSTAT
CHRG/PG Pin Output Low Voltage
ISTAT = 5mA
0.1
V
VNTC-0℃
Low Temperature Pending Voltage Threshold
1.18
V
VNTC-10℃
Half Charging Current Mode Voltage Threshold
(low temperature)
0.75
V
VNTC-60℃
High Temperature Disable Voltage Threshold
0.17
V
VNTC_HYS
Hysteresis
40
mV
INTC
NTC Bias Current
RNTC = 10K
48
uA
VRECHRG
Recharge Voltage Threshold
VIN = 5V
4.05
.
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
150
mV
TLIM
Junction Temperature in Thermal Protection
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com