Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28013A Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP28013A
Function Diagram
VIN
IBF
BAT
R2
R1
Control
Logic
PG
GND
EN
CHRG
ISET
1
4
2
3
9
8
6
10
NTC
5
Absolute Maximum Ratings
Input Voltage to GND ---------------------------------------------------------------------------------------- -0.3V to 28V
BAT voltage GND ------------------------------------------------------------------------------------------------ - 5V to 7V
Other pin to GND -------------------------------------------------------------------------------------------- -0.3V to 6.5V
Maximum Junction Temperature --------------------------------------------------------------------------------- 125°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Storage Temperature ------------------------------------------------------------------------------------- -55℃ to 150°C
Thermal Information
Maximum Power Dissipation ( PD,TA=25°C) -------------------------------------------------------------------- 1.5W
Thermal Resistance (θJA) ----------------------------------------------------------------------------------------- 65℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
Input supply voltage --------------------------------------------------------------------------------------------- 3.5V to 6V
Operating Ambient Temperature Range ---------------------------------------------------------------- -40℃ to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com