Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28013A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP28013A
1A Single Chip Li-Ion and Li-Polymer Charger
General Description
The LP28013A is a complete constant-current/
constant voltage linear charger for single cell
lithium-ion battery. Its TDFN-10 package and low
external component count make the LP28013A ideally
suited for portable applications. No external sense
resistor is needed, and no blocking diode is required
due to the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be ISET
programmed externally with a single resistor.
When the input supply is removed, the LP28013A
automatically enters a low current state, dropping the
battery drain current to less than < 1µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
Order Information
LP28013A
F: Pb-Free
Package Type
QV: TDFN-10
Charge Voltage
Default: 4.2V
Applications
Portable Media Players/Game
Power Bank
Bluetooth Applications
PDA/MID
Features
Input Voltage up to 28V
Input Over Voltage Protection:7V
Short-circuit protection
Programmable Charge Current Up to 1000mA
< 1µA Battery Reverse Current
Protection of Reverse Connection of Battery
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
PG
GND
NTC
CHRG
LP28013A
Battery
VIN
1K
LED1
LED2
BAT
NC
COV
10uF
ISET
RISET
CIN
1uF
VIN
RNTC
1
5
9
10
2
3
6
7
IBF
RIBF
EN
4
ON
OFF
8
10nF
Marking Information
Device
Marking
Package
Shipping
LP28013AQVF
LPS
LP28013A
YWX
TDFN-10
3K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28013A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28013A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4065 POWER-LP4065 Datasheet
397Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4067 POWER-LP4067 Datasheet
400Kb / 8P
800mA Single Chip Li-ion and Li-Polymer Charger
LP4068 POWER-LP4068 Datasheet
451Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4069 POWER-LP4069 Datasheet
429Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com