Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28014 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28014
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28014 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28014 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP28014
LP28014 – 00
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Charge Status Indicator (CHAG & PG)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT),but is less than
OVP (VIN<VOVP), then the PG turns on and provides a low
impedance path to ground.
CHRG has two different states: strong pull-down (~5mA) and
high impedance. The strong pull-down state indicates that the
LP28014A is in a charge cycle. When the charger is entered
CV mode and Once the charge current has reduced to the
battery full charge current threshold (IBF), the CHRG pin will
become high impedance.
Function
CHRG
Charging
Low
Charge END
High
Function
PG
VIN<UVLO
High
UVLO<VIN<OVP
Low
OVP<VIN
High
Power Dissipation
The conditions that cause the LP28014 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET
calculated to be approximately:
PD=(VIN-VBAT) • IBAT
where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA=125℃-PD • θJA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com