Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28014 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28014
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28014 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28014 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP28014
LP28014 – 00
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Application Information
Input Voltage Range
The LP28014 has built-in input voltage surge protection as
high as +28V. The charger IC will be automatically disabled
when the input voltage is lower than 3.3V or higher than 7.0V.
The open-drain PG Pin is used to indicate an input power
good condition (3.3V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled to prevent the
battery from draining.
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level, when a battery is connected
to the charger output. If the BAT pin is less than 2.6V, the
charger enters trickle charge mode. In this mode, the
LP28014 supplies approximately 1/10 the ISET programmed
charge current to bring the battery voltage up to a safe level
for full current charging. When the BAT pin voltage rises
above 2.6V, the charger enters constant-current mode(CC),
where the ISET programmed charge current is supplied to the
battery. When the BAT pin approaches the final float voltage,
the LP28014 enters constant-voltage mode(CV) and the
charge current begins to decrease, and the battery full
indication is set when the charge current in the CV mode is
reduced to the programmed full battery current (IBF).
ISET programming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND. The relationship of the
charge current and the programming resistance is established
by the following table.
IBAT(mA) =VISET × 1500 / RISET(KΩ)
Termination charge current programmed
The battery charge Termination current threshold (IBF) is
programmed by connecting a resistor RBF from the IBF pin to
GND:
IBF =RISET × IBAT / RIBF
Automatic Recharge
Once the charge cycle is terminated, the LP28014
continuously monitors the voltage on the BAT pin. A charge
cycle restarts when the battery voltage falls below 4.05V
(which corresponds to approximately 80% to 90% battery
capacity). This ensures that the battery is kept at or near a
fully charged condition and eliminates the need for periodic
charge cycle initiations.
Enable Function
The LP28014 features an enable/disable function. An input
“Low” signal at EN pin or if this pin is floating will enable the IC.
To assure the charger will switch on, the EN turn on control
level must below 0.4 volts. The charger IC r will go into the
shutdown mode when the voltage on the EN pin is greater
than 1.4 volts. If the enable function is not needed in a specific
application, it may be tied to GND or floating to keep the
charge IC in a continuously on state.
Thermal Limiting
An internal thermal feedback loop reduces the I SET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 125°C. This feature protects the
LP28014 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP28014. The
charge current can be set according to typical (not Worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com