Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28014 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28014
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28014 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28014 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP28014
LP28014 – 00
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Function Block Diagram
VIN
IBF
BAT
R2
R1
Control
Logic
PG
GND
EN
CHRG
ISET
1
4
3
2
7
6
5
8
Absolute Maximum Ratings
Note 1
Input Voltage to GND ------------------------------------------------------------------------------------------------------------------------------- -0.3V to 28V
BAT voltage GND ---------------------------------------------------------------------------------------------------------------------------------------- - 5V to 7V
Other pin to GND ------------------------------------------------------------------------------------------------------------------------------------ -0.3V to 6.5V
Output current------------------------------------------------------------------------------------------------------------------------------------------------- 1200mA
Maximum Junction Temperature ----------------------------------------------------------------------------------------------------------------------- 125°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------------------------------------------ 260°C
Storage Temperature --------------------------------------------------------------------------------------------------------------------------- -55℃ to 150°C
Thermal Information
Thermal Resistance (θJA) -------------------------------------------------------------------------------------------------------------------------------- 76℃/W
ESD Susceptibility
HBM(Human Body Mode) ------------------------------------------------------------------------------------------------------------------------------------ 2KV
MM(Machine Mode) -------------------------------------------------------------------------------------------------------------------------------------------- 200V
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Input supply voltage --------------------------------------------------------------------------------------------------------------------------------- 4.5V to 6.5V
Operating Ambient Temperature Range--------------------------------------------------------------------------------------------------- -40℃ to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com