Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28014 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28014
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28014 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28014 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28014 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP28014
LP28014 – 00
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Functional Pin Description
Package Type
Pin Configurations
TDFN-8
VIN
PG
CHRG
BAT
ISET
IBF
1
2
3
Exposed
Pad
EN 4
8
7
6
5 GND
Pin Description
PIN
No.
PIN
NAME
DESCRIPTION
1
VIN
VIN is the input power source. Connect to a wall adapter.
2
PG
Open-Drain Status Output. Low indicates the input voltage is above UVLO and the OUT (battery) voltage.
3
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an internal
NMOS. When the charge cycle is completed, the pin could be pulled High by an external pull high resistor.
4
EN
Charge Enable Input (active low).
5
GND
GND is the connection to system ground.
6
IBF
Charge Status Threshold Program. Connect this pin to an external resistor to program the charge termination
current.
7
ISET
Charge Current Program. The charge current is programmed by connecting a 1% resistor(RISET ) to ground.
8
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when there is no
battery attached. When a battery is attached, only a 1µF ceramic capacitor is required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com