Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5213 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPW5213
Description  3A Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5213 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPW5213 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LPW5213-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 5
Preliminary Datasheet
LPW5213
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
6
4
OUT
NC
EN
GND
VIN
SOT23-6
TOP VIEW
5
GND
Pin Description
Pin
Name
Description
1
EN
Device Enable (active High).
2/5
GND
Ground.
3
VIN
Input pin.
4
OUT
Output pin.
6
NC
No Connector.
Absolute Maximum Ratings
Note 1
Input Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V
Output Voltage to GND ------------------------------------------------------------------------------------------------ 6.5V
Other pin to GND ---------------------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature --------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD) ---------------------------------------------------------------------------------- 0.5W
Thermal Resistance (θJA) ---------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com