Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5213 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPW5213
Description  3A Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5213 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPW5213 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LPW5213-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 5
Preliminary Datasheet
LPW5213
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise, TA=25℃ )
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
2.5
6
V
IOUT
Output Current
3
A
RDS(ON)
Output N-MOSFET RDS(ON)
75
IQ
Quiescent Current
VIN=3V
30
50
µA
ISHDN
Shutdown Current
VEN=GND
1
µA
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input High Current
VIN=VEN=5.0V
5
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com