Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5213 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LPW5213
Description  3A Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5213 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LPW5213 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LPW5213-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 5
Preliminary Datasheet
LPW5213
Application Information
The LPW5213 are single N-Channel MOSFET
high-side power switches with active-high enable
input, optimized for self-powered and bus-powered
Universal Serial Bus applications. The LPW5209
equipped with a charge pump circuitry to drive the
internal NMOS switch; the switch's low RDS(ON)
80mΩ.
Input and Output
VIN (input) is the power source connection to the
internal circuitry and the drain of the MOSFET.
VOUT (output) is the source of the MOSFET. In a
typical application, current flows through the switch
from VIN to VOUT toward the load. If VOUT is
greater than VIN, current will flow from VOUT to VIN
since the MOSFET is bidirectional when on. Unlike
a normal MOSFET, there is no a parasitic body
diode between drain and source of the MOSFET,
the LPW5213 prevents reverse current flow if VOUT
being externally forced to a higher voltage than VIN
when the output disabled (VEN < 0.4V).
Chip Enable Input
The switch will be disabled when the EN pin is in a
logic low condition. During this condition, the
internal circuit is turned off, reducing the supply
current to 0.1μA typical. The maximum guaranteed
voltage for a logic low at the EN pin is 0.4V. A
minimum guaranteed voltage of 1.4V at the EN pin
will turn the LPW5213 back on. Floating the input
may cause unpredictable operation. EN should not
be allowed to go negative with respect to GND. The
EN pin may be directly tied to VIN to keep the part
on.
Thermal Shutdown
Thermal shutdown is employed to protect the device
from damage if the die temperature exceeds
approximately 150°C. If enabled, the switch
automatically restarts when the die temperature falls
20°C. The output will continue to cycle on and off
until the device is disabled or the fault is removed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com