Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5213 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5213
Description  3A Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5213 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5213 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5213 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LPW5213-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 5
Preliminary Datasheet
LPW5213
3A Smart Power Switch
General Description
The LPW5213 is an integrated power switch for
self-powered and bus-powered Universal Series Bus
applications. A built-in charge pump is used to drive
the N-Channel MOSFET that is free of parasitic body
diode to eliminate any reversed current flow across the
switch when it is powered off. Its low quiescent current
(30μA) and small package (SOT23-6) is particularly
suitable in battery-powered portable equipment.
Order Information
LPW5213 □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
Power Switch
USB Device
Battery Charger Circuits
Features
75mΩ Low RDS(ON), High-side N-MOSFET
2.5V to 6V Input Voltage
Low Quiescent Current:30uA
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead(Pb)-Free
Typical Application Circuit
NC
Vout
VIN
BAT
COV
1uF
EN
CIN
1uF
3
1
4
6
2/5
GND
OFF
ON
VIN
Marking Information
Device
Marking
Package
Shipping
LPW5213B6F
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.


Similar Part No. - LPW5213

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5210 POWER-LPW5210 Datasheet
835Kb / 5P
1.5A Power Switch with Programmable Current Limit
Nov.-2012
LPW5210B5F POWER-LPW5210B5F Datasheet
835Kb / 5P
1.5A Power Switch with Programmable Current Limit
Nov.-2012
More results

Similar Description - LPW5213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
Smart Power Switch
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
369Kb / 14P
80m?? 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
Micrel Semiconductor
MIC1344 MICREL-MIC1344 Datasheet
1Mb / 17P
Smart, 3A, Two-Channel, Power ORing Switch
logo
Lowpower Semiconductor ...
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
3A Smart Power Switch
logo
Texas Instruments
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
Smart Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com