Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV550SC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AV550SC
Description  550VA Audio/Video Backup Power Block - Exclusive UPS Protection for Structured Wiring Enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AV550SC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AV550SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Tel/modem/DSL jacks protect connected telephone,modem or DSL lines against surge damage and
filter disruptive EMI/RFI line noise
q
IEC power input connector accepts included 6-inch power cord
q
Diagnostic/Overload LEDs: Alert users to potential power problems before they affect connected
equipment.
q
Resettable circuit breaker prevents dangerous system overloads
q
Auto-restart capability eliminates the need to perform an on-site restart
q
550VA/300 watts standby UPS system
q
Mounting screw holes are included on the back of the unit for convenient board, wall or ceiling mounting
(for projectors)
q
Customizable labels for easier cord/cable indentification and maintenance
q
OVERVIEW
UPC Code
037332138699
UPS Type
Standby
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P; C14 inlet
UPS Input Connection Description
5-15P input cable is detachable via C14 inlet on UPS
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
0.5
UPS Input Cord Length (m)
0.2
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
Right-Angle Plug
No
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (Watts)
300
Nominal Voltage Details
115v nominal output in battery mode
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
+/- 5%
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com