Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV550SC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AV550SC
Description  550VA Audio/Video Backup Power Block - Exclusive UPS Protection for Structured Wiring Enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AV550SC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AV550SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
550VA Audio/Video Backup Power Block -
Exclusive UPS Protection for Structured Wiring
Enclosure
MODEL NUMBER: AV550SC
Description
The AV550SC Backup Power Block provides the highest level of protection for structured cabling
installations (ie. telephone, Internet and coax connections). With reliable battery backup, surge protection
and EMI/RFI line noise filtering, the AV550SC provides a complete protection solution for audio/video
distribution systems by supporting modems, routers, RF amplifiers, network interfaces, cameras,
modulators and other equipment through all power problems. In the event of a power failure, the
AV550SC includes an auto-restart feature that eliminates the need to perform an on-site restart. In
addition, when a modem or router freeze-up occurs, the AV550SC features a recycle/reset button with
sequential outlet startup for proper modem and router rebooting.
Features
3 widely-spaced AC outlets (2 Auxiliary, 1 Modem) power, reset or start up connected equipment during
a blackout or system freeze-up (provide battery backup, surge protection and EMI/RFI filtering) - 4
outlets total
q
Convenient installation designed to fit in the bottom left corner of structured wiring enclosures without
the need for mounting screws or brackets
q
60-second delay-on AC outlet (router) powers and resets the router during a blackout or system freeze-
up and delays router start-up for proper system rebooting (provides battery backup, surge protection
and EMI/RFI filtering)
q
12V DC (1-Amp) output connector provides an additional output power source for 12V DC devices as
well as battery backup protection for 4 devices
q
Recycle/reset button resets connected equipment during system freeze-ups with sequential outlet
startup
q
HD-compatible 2.2GHz coax jacks protect connected coax lines against surge damage and filter
disruptive EMI/RFI line noise.
q
Highlights
4 AC outlets (including 1 delay-
on outlet for router)
q
Automatic recycle/reset button;
Auto-restart capability
q
Regulated 12V DC output for 4
devices; Complete surge
suppression
q
Convenient installation fits
structured wiring enclosures
without using mounting screws
or brackets
q
HD-compatible 2.2GHz coaxial
and telephone/modem/DSL line
surge protection; 550VA UPS
capacity
q
Package Includes
AV550SC backup power block
q
Detachable 6 in. NEMA 5-15P
power cord
q
Owner's manual with warranty
information
q
1 / 5


Similar Part No. - AV550SC

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AV55-100 CONNOR-WINFIELD-AV55-100 Datasheet
60Kb / 2P
HIGH FREQUENCY
AV55-10044.736M CONNOR-WINFIELD-AV55-10044.736M Datasheet
60Kb / 2P
HIGH FREQUENCY
AV55-150 CONNOR-WINFIELD-AV55-150 Datasheet
60Kb / 2P
HIGH FREQUENCY
AV55-15044.736M CONNOR-WINFIELD-AV55-15044.736M Datasheet
60Kb / 2P
HIGH FREQUENCY
AV55-160 CONNOR-WINFIELD-AV55-160 Datasheet
60Kb / 2P
HIGH FREQUENCY
More results

Similar Description - AV550SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO550UPSTAA TRIPPLITE-ECO550UPSTAA Datasheet
520Kb / 4P
TAA-Compliant 550VA Eco Energy-Saving UPS System
HT1000UPS TRIPPLITE-HT1000UPS Datasheet
507Kb / 5P
Audio/Video Digital UPS
HTRL15UPS TRIPPLITE-HTRL15UPS Datasheet
493Kb / 5P
Audio/Video Digital UPS
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
SMART550USBWD TRIPPLITE-SMART550USBWD Datasheet
527Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
logo
Artesyn Technologies
LDS25 ARTESYN-LDS25 Datasheet
1Mb / 3P
Hot-wiring protection
logo
Tripp Lite. All Rights ...
SRWF3UDG TRIPPLITE-SRWF3UDG Datasheet
175Kb / 3P
SmartRack 3U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure with Adjustable Equipment Brackets
SRWF10UMOD TRIPPLITE-SRWF10UMOD Datasheet
199Kb / 3P
SmartRack 5U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure, Adjustable Equipment Brackets
SRWF6UMOD TRIPPLITE-SRWF6UMOD Datasheet
199Kb / 3P
SmartRack 3U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure, Adjustable Equipment Brackets
logo
Schneider Electric
HMIYMUPSKT1 SCHNEIDER-HMIYMUPSKT1 Datasheet
80Kb / 2P
Battery backup, Harmony iPC, UPS for HMIBM (no cables)
May 9, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com