Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV550SC Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # AV550SC
Description  550VA Audio/Video Backup Power Block - Exclusive UPS Protection for Structured Wiring Enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AV550SC Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  AV550SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
Shipping Dimensions (hwd / cm)
25.40 x 11.68 x 22.10
Shipping Dimensions (hwd / in.)
10.00 x 4.60 x 8.70
Shipping Weight (kg)
3.79
Shipping Weight (lbs.)
8.36
UPS Housing Material
Sheet metal
UPS Power Module Dimensions
(hwd, cm)
21.08 x 17.27 x 7.62
UPS Power Module Dimensions
(hwd, in.)
8.3 x 6.8 x 3.0
UPS Power Module Weight (kg)
3.54
UPS Power Module Weight (lbs.)
7.8
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
31
AC Mode Efficiency Rating (100%
Load)
97%
COMMUNICATIONS
Communications Interface
None
LINE / BATTERY TRANSFER
Transfer Time
4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99V
High Voltage Transfer to Battery
Power (Setpoint)
139V
SPECIAL FEATURES
Green Energy-Saving Features
High efficiency economy mode operation; Greater than 95% efficiency - GREEN UPS
STANDARDS & COMPLIANCE
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI);
Meets FCC Part 68 / Industrie Canada (telecommunications); ROHS (Restriction of Hazardous Substances)
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com