Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV550SC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # AV550SC
Description  550VA Audio/Video Backup Power Block - Exclusive UPS Protection for Structured Wiring Enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AV550SC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  AV550SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AV550SC Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Output Receptacle Details
One receptacle has a 60 second power-up delay
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery
Mode)
PWM sine wave
Nominal Output Voltage(s)
Supported
110V; 115V; 120V
Output Receptacles
(4) 5-15R
Individually Controllable Load Banks
No
BATTERY
Full Load Runtime (min.)
3.1 min. (300w)
Half Load Runtime (min.)
9.7 min. (150w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 9 hours from 10% to 90%
Expandable Runtime
No
USER INTERFACE, ALERTS & CONTROLS
Switches
Includes 1 on/off push button (also acts as recycle/reset button)
LED Indicators
2 LEDs indicate power status and overload/low battery status
SURGE / NOISE SUPPRESSION
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); Coax jacks (1 set)
UPS Dataline Suppression Details
HD-compatible 2.2GHz coaxial protection
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
1038
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Cable (Coax) Protection
Yes
Network (Ethernet) Protection
No
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Wallmount
Primary Form Factor
Desktop
Primary UPS Depth (mm)
76
Primary UPS Height (mm)
211
Primary UPS Width (mm)
173
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com