Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5304 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP5304
Description  36V/5A Over Voltage Protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5304 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP5304 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP5304-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
1 / 6
Preliminary Datasheet LP5304
36V/5A Over Voltage Protection IC
General Description
The LP5304 is an Over-Voltage-Protection(OVP)
device. The device will switch off internal MOSFET to
disconnect IN to OUT to protect load when any of input
voltage over the threshold. The Over temperature
protection (OTP) function monitors chip temperature to
protect the device.
The LP5304 is available in
DFN-8 package.
Standard products are Pb-free and Halogen-free.
Order Information
LP5304 □ □ □
F: Pb-Free
Package Type
QV:DFN-8
Typical Application Circuit
VIN
EN
VOUT
VIN
CIN
1uF
VOUT
COUT
1uF
Chip
Enable
GND
Features
Input Voltage Range: 3.5V to 36V
Typical Output Power on Time: 9mS
OVP Threshold: 6.1V
OVP Threshold Time Less Than 1uS
Output current:5A
Low R(DSON) Internal Switches:30mΩ @ 5V
Output Discharge
Thermal Fault Protection
DFN-8 3*3mm Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
GPS
PMP
PAD
MID
Digital cameras, Digital Videos
Marking Information
Device
Marking
Package
Shipping
LP5304QVF
LPS
LP5304
YWX
DFN-8
5K/REEL
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP5304

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300B6F POWER-LP5300B6F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300X3F POWER-LP5300X3F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5301B6F POWER-LP5301B6F Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
More results

Similar Description - LP5304

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com