Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5304 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP5304
Description  36V/5A Over Voltage Protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5304 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP5304 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP5304-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
2 / 6
Preliminary Datasheet LP5304
Functional Pin Description
NC
DR
EN
VIN
VIN
VOUT
1
2
3
VIN
GND 4
8
7
6
5 VOUT
VOUT
EP1
EP2
Pin Description
DFN-8
PIN
DESCRIPTION
1
NC
No connector.
2
DR
NMOS gate driver.
3
EN
Chip enable pin. Active low.
4
GND
Ground.
5/6/EP2
OUT
Output pin.
7/8/EP1
VIN
Input pin. A 1uF low ESR ceramic capacitor or larger must be connected as close
as to this pin. It is recommended to use 50V capacitor or according to application.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com