Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5304 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP5304
Description  36V/5A Over Voltage Protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5304 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP5304 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP5304-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
3 / 6
Preliminary Datasheet LP5304
Function Block Diagram
ISET
EN
Absolute Maximum Ratings
Note 1
Input to GND ------------------------------------------------------------------------------------------------------------------------------------ 36V
Output Voltage to GND ----------------------------------------------------------------------------------------------------------------------- 6.5V
Other Pin to GND ------------------------------------------------------------------------------------------------------------------------------ 6.5V
Maximum Junction Temperature ---------------------------------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (Ta) --------------------------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (DFN-8, PD,TA=25°C) ---------------------------------------------------------------------------------- 1.5W
Thermal Resistance (DFN-8, JA) ---------------------------------------------------------------------------------------------------------- 46℃/W
ESD Susceptibility
HBM(Human Body Mode)
Note 2 ------------------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode)
Note 3--------------------------------------------------------------------------------------------------------------------- 200V
Note 2.
The Human body model (HBM) is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The testing is done according
JEDEC.
Note 3.
Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testin g is
done according JEDEC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com