Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5304 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP5304
Description  36V/5A Over Voltage Protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5304 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP5304 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5304 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LP5304-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
5 / 6
Preliminary Datasheet LP5304
Typical Operating Characteristics
Turn on with EN=0V
Turn on with VIN=5V
OVP waveform
Turn off waveform with Iout=0A
VIN falling waveform
VOUT
VIN
9.0mS
VOUT
VIN
6.1V
EN
VOUT
EN
VOUT
VOUT
VIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com