Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6400 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6400
Description  18W恙ュ뀉?뚧??띶럨饔ф뜟?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6400 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP64900-01
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
数据手册
LP6400
应用说明
LP6400采用恒定频率、电流模式工作。输出电压由外
部分压电阻设置返回到FB引脚。比较器将分压后的输
出电压与参考电压VFB进行比较,并相应地调整峰值电
感电流。
温度保护
LP6400的总功耗受温度保护电路的限制。当器件温度
升至约150℃时,该电路关断输出,使IC冷却。在恶劣
条件下,温度保护电路可以防止设备因过热而损坏。
连续使LP6400进入热关断会降低器件的可靠性。
输出过压保护
当检测到VFB的电压达0.72V,LP6400则强制停
止输出,避免异常应用情况下对后端用电设备
造成损害
输出电压设置
输出电压由输出节点到FB引脚的分压电阻设置。建议
使用1%容差或更好的分压电阻。为了在非常轻的负载
下提高效率,可考虑使用较大值的电阻,如果数值太
高,调节器更容易受到噪声影响,并且FB端输入电流
的电压误差更明显。对于大多数应用,RUP和RDN建议
使用10KΩ至1MΩ范围内的电阻。输出电压由以下等
式计算:
VOUT=VFB×(1+RUP/RDN)
其中VFB为0.6V。
短路保护
当负载过重,输出电压下降至2.5V时,LP6400进入短
路保护状态,频率下降为正常频率的1/4,延迟200uS
之后,上管关闭,下管打开,进入打嗝状态。如果在
200uS之内释放的话,恢复正常输出
过热保护
当LP6400检测芯片内部温度达到150度时进入过温保
护,停止输出电压,当温度下降至135度以下时再次恢
复输出。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com