Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6400 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6400
Description  18W恙ュ뀉?뚧??띶럨饔ф뜟?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6400 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP64900-01
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
数据手册
LP6400
引脚信息
封装类型
引脚信息
SOP-8
1
2
3
4
8
7
6
5
FB
D+
D-
VIN
GND
VDD
SW
SW
SOP-8
(Top View)
序号
名称
描述
1
FB
电压反馈引脚,反馈电压为 0.6V。
2
D+
USB D+数据引脚
3
D-
USB D-数据引脚
4
VIN
电源输入引脚
5,6
SW
开关引脚
7
VDD
协议供电引脚
8
GND
地
典型应用电路
VOUT
C1
100uF
C3
220uF
33uH
VIN
GND
VDD
SW
VIN
C2
1uF
D+
D-
D+
GND
D-
FB
D+
D-
USB
R1
100K
R2
13K
C4
0.47uF
R3
2K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com