Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6400 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6400
Description  18W恙ュ뀉?뚧??띶럨饔ф뜟?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6400 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP64900-01
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
数据手册
LP6400
极限参数
VIN 对 GND -------------------------------------------------------------------------------- -0.3V ~ +38V
SW 对 GND--------------------------------------------------------------------------------- -0.3V ~ +38V
其余各管脚 对 GND-------------------------------------------------------------------------- -0.3V ~ +6V
存储温度范围 ---------------------------------------------------------------------------- -55℃ ~ +165℃
最高工作结温 --------------------------------------------------------------------------------------+150℃
最高焊接温度(引线处,10s) ---------------------------------------------------------------------+260℃
注:
高于“极限参数”所列应力数值的应力可能对芯片造成永久性损坏。这些仅是极限参数,器件工作在极限参数或其他超过“推
荐工作条件”的状态都不是被推荐的;在任何极限值条件下暴露时间过长都有可能影响芯片的可靠性和使用寿命。
热阻信息
最大功耗(PD,TA=25℃) -------------------------------------------------------------------------- 1.5W
热阻(θJA) --------------------------------------------------------------------------------------- 80℃/W
ESD 系数
人体模型(HBM) ------------------------------------------------------------------------------------ 2KV
机械模型(MM) ------------------------------------------------------------------------------------ 200V
推荐工作条件
工作结温范围(TJ)------------------------------------------------------------------------ -40℃ to 150℃
环境温度范围 ---------------------------------------------------------------------------------40℃ to 85℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com