Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6400 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6400
Description  18W恙ュ뀉?뚧??띶럨饔ф뜟?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6400 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6400 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP64900-01
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
数据手册
LP6400
18W快充同步降压转换器
芯片概述
LP6400是一款高电压输入,恒压控制的同步降压稳压器。
在输入电压为8V-32V的情况下,LP6400可以实现输出
5V连续输出电流3.6A,具有良好的线性调整和负载调整
能力。恒流控制模式提供了快速的瞬态响应和易于回路
稳定。
LP6400最大限度的减少了外围器件。 其他功能包括电
缆补偿,可编程电流限制和过热关断。
LP6400转换器采用行业标准SOP8封装。
标示信息
LP6400
封装类型
SO: SOP-8
F: 无铅
应用范围
车载充电器/适配器
线性稳压器的预调节器
分布式电源系统
充电器
特点
8V至32V的宽输入范围
48mΩ/22mΩ的低RDS(ON)内部功率MOSFET
效率高达94%
180KHz开关频率
±2%恒压精度
支持QC2.0/3.0/ 华为FCP/ 三星AFC/ 展讯
Apple Mode 等快充协议
支持BC1.2/ YD/T 1591-2009/USB DCP
D+ 2.7V D-2.7V/USB DCP D+ 1.2V D-1.2V
过热关断
采用SOP-8封装
丝印及包装信息
型号
丝印
封装
包装
LP6400
LPS
LP6400
YWX
SOP-8
4K/REEL
丝印标示:
Y:生产年份 W:生产周 X:批次号


Similar Part No. - LP6400

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-24SOF POWER-LP6401F-24SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-31SOF POWER-LP6401F-31SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-34SOF POWER-LP6401F-34SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
More results

Similar Description - LP6400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
logo
Volgen Kaga Electronics...
STD-04535T VOLGEN-STD-04535T Datasheet
75Kb / 2P
ADAPTER-18W
logo
NXP Semiconductors
SSL2101_JA PHILIPS-SSL2101_JA Datasheet
522Kb / 23P
沃욕뀎?ⓨ?恙?LED ?㎪삇??SMPS IC
Rev. 04 - 28/8 2014
logo
Seaward Electronics Inc...
SE3807 SEAWARD-SE3807 Datasheet
380Kb / 4P
SE3807??쳵?덄럤?뚧?竊똏WM?띶럨?
SE3835 SEAWARD-SE3835 Datasheet
460Kb / 9P
40V 4.2A CC/CV ?뚧??띶럨 DC/DC饔ф뜟?
logo
MORNSUN Science& Techno...
MA01805HA MORNSUN-MA01805HA Datasheet
314Kb / 4P
18W AC/DC Adapter
logo
Shenzhen Huazhimei Semi...
HM1599 HMSEMI-HM1599 Datasheet
1Mb / 7P
18W USB PD 嶺됧쩀?뤺??띶럨??뎴
logo
Lowpower Semiconductor ...
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
logo
Shenzhen Huazhimei Semi...
HM2459A HMSEMI-HM2459A Datasheet
366Kb / 4P
60V,480KHz,0.5A ?띶럨?뗧뵷繹
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com