Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDL1117
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117 Datasheet(HTML) 5 Page - STMicroelectronics

  LDL1117 Datasheet HTML 1Page - STMicroelectronics LDL1117 Datasheet HTML 2Page - STMicroelectronics LDL1117 Datasheet HTML 3Page - STMicroelectronics LDL1117 Datasheet HTML 4Page - STMicroelectronics LDL1117 Datasheet HTML 5Page - STMicroelectronics LDL1117 Datasheet HTML 6Page - STMicroelectronics LDL1117 Datasheet HTML 7Page - STMicroelectronics LDL1117 Datasheet HTML 8Page - STMicroelectronics LDL1117 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input supply voltage
-0.3 to 20
V
VOUT
Output voltage
-0.3 to VIN + 0.3
V
IOUT
Output current
Internally limited
A
PD
Power dissipation
Internally limited
W
TJ-OP
Operating junction temperature
- 40 to 125
°C
TJ-MAX
Maximum junction temperature
150
°C
TSTG
Storage temperature
- 55 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
θJ-C
Thermal resistance junction-to-case
15
°C/W
θJ-A
Thermal resistance junction-to-ambient
120
LDL1117
Maximum ratings
DS12022 - Rev 6
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com