Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LDL1117
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LDL1117 Datasheet HTML 10Page - STMicroelectronics LDL1117 Datasheet HTML 11Page - STMicroelectronics LDL1117 Datasheet HTML 12Page - STMicroelectronics LDL1117 Datasheet HTML 13Page - STMicroelectronics LDL1117 Datasheet HTML 14Page - STMicroelectronics LDL1117 Datasheet HTML 15Page - STMicroelectronics LDL1117 Datasheet HTML 16Page - STMicroelectronics LDL1117 Datasheet HTML 17Page - STMicroelectronics LDL1117 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SOT223 package information
Figure 28. SOT223 package outline
LDL1117
Package information
DS12022 - Rev 6
page 14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com