Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LDL1117
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LDL1117 Datasheet HTML 15Page - STMicroelectronics LDL1117 Datasheet HTML 16Page - STMicroelectronics LDL1117 Datasheet HTML 17Page - STMicroelectronics LDL1117 Datasheet HTML 18Page - STMicroelectronics LDL1117 Datasheet HTML 19Page - STMicroelectronics LDL1117 Datasheet HTML 20Page - STMicroelectronics LDL1117 Datasheet HTML 21Page - STMicroelectronics LDL1117 Datasheet HTML 22Page - STMicroelectronics LDL1117 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application diagram ........................................................... 4
Figure 4.
Output voltage vs. temperature (VIN = 2.6 V, VOUT = 1.2 V, no load) ............................... 8
Figure 5.
Output voltage vs. temperature (VIN = 2.6 V, VOUT = 1.2 V, 1200 mA) .............................. 8
Figure 6.
Output voltage vs. temperature (VIN = 6 V, VOUT = 5 V, no load) .................................. 8
Figure 7.
Output voltage vs. temperature (VIN = 6 V, VOUT = 5 V, 1200 mA) ................................. 8
Figure 8.
Line regulation vs. temperature (VIN = 6 to 18 V, VOUT = 5 V, IOUT = 10 mA).......................... 9
Figure 9.
Line regulation vs. temperature (VIN = 2.5 to 18 V, VOUT = 1.2 V, IOUT = 10 mA) ....................... 9
Figure 10.
Load regulation vs. temperature (VIN = 6 V, VOUT = 5 V, IOUT = 10 to 1200 mA) ....................... 9
Figure 11.
Load regulation vs. temperature (VIN = 2.6 V, VOUT = 1.2 V, IOUT = 10 to 1200 mA) ..................... 9
Figure 12.
Dropout voltage vs. temperature ....................................................... 10
Figure 13.
Quiescent current vs. temperature (no load) ............................................... 10
Figure 14.
Quiescent current vs. temperature (600 mA)............................................... 10
Figure 15.
Quiescent current vs. temperature (1.2 A) ................................................ 10
Figure 16.
Short-circuit current vs. dropout voltage (VOUT = 5 V) ........................................ 11
Figure 17.
Short-circuit current vs. dropout voltage (VOUT = 1.2 V) ....................................... 11
Figure 18.
SVR vs. frequency ................................................................ 11
Figure 19.
Output noise spectral density (VO = 1.2 V) ................................................ 11
Figure 20.
Stability plan (VOUT = 5 V) ........................................................... 12
Figure 21.
Stability plan (VOUT = 1.2 V) .......................................................... 12
Figure 22.
Turn-on time (VOUT = 5 V) ........................................................... 12
Figure 23.
Turn-on time (VOUT = 1.2 V) .......................................................... 12
Figure 24.
Line transient (VOUT = 5 V)........................................................... 12
Figure 25.
Line transient (VOUT = 1.2 V) ......................................................... 12
Figure 26.
Load transient (VOUT = 1.2 V)......................................................... 13
Figure 27.
Load transient (VOUT = 5 V) .......................................................... 13
Figure 28.
SOT223 package outline ............................................................ 14
Figure 29.
Tape for SOT223 (dimensions are in mm) ................................................ 16
Figure 30.
Reel for SOT223 (dimensions are in mm)................................................. 17
Figure 31.
SOT223 reel oriented .............................................................. 17
LDL1117
List of figures
DS12022 - Rev 6
page 22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com