Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LDL1117
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LDL1117 Datasheet HTML 11Page - STMicroelectronics LDL1117 Datasheet HTML 12Page - STMicroelectronics LDL1117 Datasheet HTML 13Page - STMicroelectronics LDL1117 Datasheet HTML 14Page - STMicroelectronics LDL1117 Datasheet HTML 15Page - STMicroelectronics LDL1117 Datasheet HTML 16Page - STMicroelectronics LDL1117 Datasheet HTML 17Page - STMicroelectronics LDL1117 Datasheet HTML 18Page - STMicroelectronics LDL1117 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Table 5. SOT223 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.8
A1
0.02
0.1
B
0.6
0.7
0.85
B1
2.9
3
3.15
c
0.24
0.26
0.35
D
6.3
6.5
6.7
e
2.3
e1
4.6
E
3.3
3.5
3.7
H
6.7
7.0
7.3
V
10º
LDL1117
SOT223 package information
DS12022 - Rev 6
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com